PART |
Description |
Maker |
ADL5330 |
1 MHz - 3 GHz VGA with 60dB Gain Control Range
|
Analog Devices
|
CMN538-60 |
900 MHz Transmit Filter, 60dB Rejection
|
API Technologies Corp
|
RFMICRODEVICESINC-RDA2032ZTR13 RDA2032ZPCK-410 RDA |
50 MHz TO 1000 MHz DIGITAL VGA WITH 6-BIT 0.5 dB PARALLEL CONTROL
|
RF Micro Devices
|
ADL5243 |
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
|
Analog Devices
|
MAX2721 MAX2720 MAX2720-MAX2721 MAX2720EUP MAX2721 |
1.7GHz to 2.5GHz, Direct I/Q Modulator with VGA and PA Driver Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications 1700 MHz - 2100 MHz RF/MICROWAVE UP CONVERTER, -6 dBm OUTPUT POWER-MAX Direct QPSK Modulator with VGA and PA Driver for 1.7GHz to 2.5GHz Applications 2100 MHz - 2500 MHz RF/MICROWAVE UP CONVERTER, -2.5 dBm OUTPUT POWER-MAX
|
Maxim Integrated Products, Inc.
|
AD8344-EVAL |
Active Receive Mixer 400 MHz to 1.2 GHz 有源接收混频00 MHz.2 GHz
|
Analog Devices, Inc.
|
FPM-3060G FPM-3060G-RAE FPM-3060G-UAE FPM-3060G-XA |
6.5 VGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
|
Advantech Co., Ltd.
|
AD8369ARUZ |
45 dB Digitally Controlled VGA LF to 600 MHz
|
Analog Devices
|
UPG2164T5N-E2 UPG2164T5N-E2-A |
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 2400 MHz - 6000 MHz RF/MICROWAVE DBL POLE DBL THROW SWITCH, 1 dB INSERTION LOSS
|
NEC
|
AD836807 |
800 MHz, Linear-in-dB VGA with AGC Detector
|
Analog Devices
|
AD8368 AD8368-EVALZ AD8368ACPZ-REEL7 AD8368ACPZ-WP |
800 MHz, Linear-in-dB VGA with AGC Detector
|
Analog Devices
|